PART |
Description |
Maker |
IDT71V2577S75PF IDT71V2577S75PFI IDT71V2577YS75PF |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 3.3V 256K x 18 Synchronous Flow-Through SRAM w/2.5V I/O
|
IDT[Integrated Device Technology]
|
IS61VF25618A-6.5TQ IS61VF25618A-6.5B3 IS61VF12836A |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PBGA165 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
IS61SF12832-10TQ IS61SF12832-10TQI IS61SF12832-8.5 |
x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8 ns, PBGA119 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-SO -40 to 85 128K X 32 CACHE SRAM, 8 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 10 ns, PBGA119 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 10 ns, PQFP100 x36 Fast Synchronous SRAM 128K X 36 CACHE SRAM, 12 ns, PQFP100 128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 32 CACHE SRAM, 7.5 ns, PQFP100 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution Inc
|
CY7C1345B-117AC CY7C1345B-100AC CY7C1345B-100AI CY |
x36 Fast Synchronous SRAM x36快速同步SRAM 128K x 36 Synchronous Flow-Through 3.3V Cache RAM
|
CYPRESS[Cypress Semiconductor]
|
CY7C1338 7C1338 |
128K x 32 Synchronous-Flow-Through 3.3V Cache RAM From old datasheet system
|
Cypress
|
MCM63F733A MCM63F733ATQ10 MCM63F733ATQ11 MCM63F733 |
128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
|
Motorola, Inc.
|
IDT71V2577 IDT71V2579 IDT71V2577S75BG |
128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
|
Integrated Device Technology, Inc.
|
IDT71V3579 71V3577_DS_76213 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect From old datasheet system
|
IDT
|
IDT709199L12PF IDT709199L12PFI IDT709199L7PF IDT70 |
From old datasheet system HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 128K x 9, Sync, Dual-Port RAM, PipeLined/FLow-Through
|
IDT[Integrated Device Technology]
|
MCM63Z737TQ11 MCM63Z737TQ11R MCM63Z819TQ11 MCM63Z8 |
128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|